PART |
Description |
Maker |
XC3S1000-4CP132C XC3S1000-4TQ144I XC3S1000-4PQ208C |
Spartan-3 FPGA Family: Complete Data Sheet FPGA, 192 CLBS, 50000 GATES, PBGA132 Spartan-3 FPGA Family: Complete Data Sheet FPGA, 192 CLBS, 50000 GATES, PQFP100 Spartan-3 FPGA Family: Complete Data Sheet FPGA, 192 CLBS, 50000 GATES, PQFP144
|
Xilinx, Inc.
|
XC3S1600E-4CPG132I |
Spartan-3E FPGA Family
|
Xilinx, Inc
|
XC2S200-5CSG144C XC2S200-5CSG144I XC2S200-5FGG256C |
Spartan-II FPGA Family
|
Xilinx, Inc
|
XC2S400E6FXXX |
Spartan-IIE 1.8V FPGA Family
|
Xilinx
|
XC2S15-XXXX |
Spartan-II 2.5V FPGA Family:Introduction and Ordering Information
|
Xilinx
|
XC17S200APD8C XC17S200APD8I XC17S200ASO20C XC17S20 |
Spartan-II/Spartan-IIE Family SPARTAN-II/SPARTAN-IIE FAMILY OTP CONFIGURATION PROMS
|
XILINX[Xilinx, Inc]
|
17S100A |
Spartan-II/Spartan-IIE Family OTP Configuration PROMs
|
Xilinx
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
XC3S200A-4VQG100C TQG144 XC3S50A XC3S200A-4FTG256C |
Architectural and Configuration Overview Spartan-3A FPGA Family DC Electrical Characteristics DC and Switching Characteristics
|
Xilinx, Inc
|
N513 N516 N526R1 N515 N515R1 |
FPGA, 12K LUTS, 93 I/O,DSP,144TQFP; Logic IC family:ECP2; Logic IC function:FPGA; Voltage, supply:1.2V; Case style:TQFP; Base number:2; I/O lines FPGA, 12K LUTS, 193 I/O,DSP,256FPBGA; Logic IC family:ECP2; Logic IC function:FPGA; Voltage, supply:1.2V; Case style:FPBGA; Base number:2; I/O lines, No. of:193; Logic function number:LFE2-12E; Pins, No. of:256; Temp, op. RoHS Compliant: Yes Neon Glow Lamps (Standard Brightness)
|
International Light Technologies Inc. Gilway Technical Lamp
|
|